Part Number Hot Search : 
TCET1101 MAX1681 SD219CHP IRFZ2 RB751S40 2N6230 9L28064 UPD44
Product Description
Full Text Search
 

To Download CCM03-3003R102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CCM03 MK II
A new range of CCM03 connectors have been developed to interface with SIM/SAM cards as defined by GSM1111 and ENV1375-1. The connectors are available with either hinged covers or fixed covers and have been designed to minimize the amount of space needed for PCB mounting. Features Hinged Cover * Available with 6 or 8 contacts, with or without PCB locating pegs.
Construction Contacts Plating Moldings Slide lock/metal cover Mechanical Data Number of Contacts Mechanical life, hinged cover Mechanical life, fixed cover Card insertion force 6 or 8 10,000 cycles min 50,000 cycles Hinged cover: 1 N max Fixed cover: 3 N max Hinged cover: 1 N max Fixed cover: 0.80 N min / 3 N max 0.25 N min / 0.50 N max 2 N min / 6 N max Frequency 10 to 500 Hz. Acceleration 50m/s2 Duration 6 hours - amplitude 0,35 mm Max electrical discontinuity 1s Peak value 500 m/s2 - Duration 11 ms 3 shocks in each direction of each axis Max electrical discontinuity 1 s Copper alloy Contact area : Gold alloy inlay or gold over nickel Terminals : Tin lead (2 min) High temp. thermoplastic UL 94V-0 rated Stainless steel
* Available with insulated card presence Card extraction force switch. * The cover springs open when unlocked while the card is in place.
Contact force Slide locking force Vibration
* The molding is polarized so that the cover can only be closed if the card is Shock correctly inserted. * The cover can be replaced without removing the connector from the PCB. Contact Electrical Data * Inspection slots allow an electrical test to be made without opening the cover. * The overall height of the connector is only 2,5 mm. The amount of space needed to mount the connector is just 29,65 mm x 17,2 mm. Fixed Cover * Available with 6 or 8 contacts. * The overall height of the connector is 2,85 mm max. Only 25,5 mm x 17,2 mm of board space is required to mount the connector. General * With tape and reel packaging as standard, the connectors are designed to be automatically pick-and-placed. * The high temperature thermoplastic moldings are suited for infrared and convection soldering processes. * By using an inlay finish in the contact area the life of the precious metal is extended by over 10 times that of standard gold plating. * Robustly formed printed circuit tails allow a co-planarity of 0,05 mm to be maintained.
Insulation resistance Resistance Current rating Dielectric strength Switch Electrical Data Card detection switch Contact resistance Dielectric strength Current rating Maximum power Environmental Data Operating temperature Soldering temperature Damp heat Salt mist Packaging Quantity per reel, see table next page.
1,000 M min 100 m max 10 A min / 1 A max 750 Vrms min
Normally open 100 m max 250 Vrms min 1 mA min / 10m A max 0.2 VA
-40C to +85C Temperature/time profile acc. to CECC00802 para. 6.1, Fig. 3 with peak temperature 250C IEC 512 test number 11c (10 days) IEC 512 test number 11f (96 hours)
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
19
CCM03 MK II
Ordering Code Part Number CCM03-3001 CCM03-3002 CCM03-3003 CCM03-3004 CCM03-3009 CCM03-3010 CCM03-3011 CCM03-3012 CCM03-3013 CCM03-3514 R102 R102 R102 R102 R102 R102 R102 R102 R102 R122 Number of Contacts 6 6 8 8 6 6 8 8 6 6 8 6 Cover Hinged Hinged Hinged Hinged Hinged Hinged Hinged Hinged Hinged Hinged Fixed Fixed PCB Locating Pegs No Yes No Yes No Yes No Yes No No No No Quantity per reel 1000 1000 1000 1000 1000 1000 1000 1000 1000 1200 1200 1200 Contact Finish Inlay Inlay Inlay Inlay Gold Gold Gold Gold Gold Inlay Inlay Inlay Switch lock No No No No No No No No No Yes No No Card Presence switch No No No No No No No No Yes (insulated) No No No
CCM03-3504 R122 CCM03-3505 R122 Dimensional Drawings
2,5 (2,7 max. includes solder tails)
Hinged Cover CCM03 - 3001 (6 contacts) 3002 (6 contacts - PCB locating pegs) 3003 (8 contacts) 3004 (8 contacts - PCB locating pegs)
180max
MICROSIM CARD
250'
SEE DETAIL A 29,65 5,65 0,2 3,5 Slider locked Bump 2,45 13,8 R 1,9
1,25
1,25
25,5 (REF.) DETAIL A 0 0,1-0,1
1,25 0,65
0,8 25,5 (REF.)
28 ,4
0,7
Mated condition 3,81 3,81
25 ,4
0 ,2
Notes: Coplanarity of soldering surfaces: 0,05 mm *Pegs: Height 0,7 mm and O 1 mm
11,35
Pick and place area o3,5 3,81 3,8
17,2
XX-XXX Date Code area
R 1,9
PCB Layout CCM03-3001 / 3002
(Component side) (Component side) 1,5 Plastic outline Contact foot area 0,8 x 1 Pad 8,6 23,2 20,32 +0,1 o1,2 0 5,5 2,5 2x o0,1 5,5 8,6 C5 C6 C7 C8 3x 2,54 1,8 1,5 1,44 Plastic outline 1,5 0,8 x 1 Pad 5,5 2,5 5,5 1,8 1,55 23,2 1,5
CCM03-3003 / 3004
25 4 0,
2x 2,54
1,27
1,27
0,2
3,81 3,81 25,5
9,34
Prohibited area Current location according to ENV1375-1 & GSM11-11
3,81 3,81 25,5
6,35 9,34
Prohibited area Contact location according to ENV1375-1 & GSM11-11
6x
Unless otherwise stated, tolerances are 0,10 mm
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
20
8x
0,2
C5 C6 C7
C1 C2 C3
10,16
1,3
C1 C2 C3 C4
5,08
1,3
CCM03 MK II Hinged Cover
Insulated Card Presence Switch
Dimensional Drawings Hinged Cover CCM03 - 3013 (6 contacts + Card Presence Switch)
25,5 0,2 2,1 13,15 3x 2,54 0,4 MICROSIM CARD
1,27
180max 2,5 (2,7 max. includes solder tails)
4 0,
9,6
3,7
1
8,6
0,3 A
0,7 250'
8x
Mated condition
28
1,25
3,81 3,81
25 ,4
0
,2
SEE DETAIL A 29,65 5,65 0,2 3,5 Slider locked 2,45 R 1,9 13,8
1,25
25,5 (REF.) DETAIL A 0 0,1-0,1
DETAIL insulated blade switch
1,25 0,65 0,8 25,5 (REF.) XX-XXX 11,35 17,2
Plastic actuator
,4
25
A
Pick and place area o 3,5
3,81 R 1,9
3,8
Date Code area
Note: Coplanarity of soldering surfaces: 0,05 mm
PCB Layout CCM03 - 3013 (6 contacts + Card Presence Switch)
(Component side) Plastic outline Contact foot area 0,8 x 1 Pad 8,6 1,5 5,5 23,2 2,5 5,5 1,8 1,5 1,55
3x 2,54
1,27
3,81 3,81 25,5
9,34
Prohibited area Contact location according to ENV1375-1 & GSM11-11
8x
0,2
C5 C6 C7 SW
C1 C2 C3 SW
1,3
Unless otherwise stated, tolerances are 0,10 mm
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
21
15
CCM03 MK II Hinged Cover
Dimensional Drawings Hinged Cover CCM03 - 3514 (6 contacts - with switch on metal lock)
Right lock switch terminal 2,1 5,08
25,5 0,2 13,15
0,4
2x 2,54
1,27
9,6
8,6
A
MICROSIM CARD
3,7
3 (3,2 max includes solder tails)
5,08
Left lock switch terminal
4 0,
0,3
A
0,6
1,25
0,7 250'
3,81 3,81
SEE DETAIL A 29,65 5,65 0,2 3,5 Slider locked 2,45 13,8 R 1,9
1,25
25,5 (REF.) DETAIL A on contacts & left lock switch terminal 0,65
on right lock switch terminal only
1,25 +0,1 0,5 0
25,5 (REF.)
Bump 11,35 17,2 Pick and place area o3,5 15 XX-XXX Date Code area
R 1,9
3,81 3,8
Note: Coplanarity of soldering surfaces: 0,05 mm
PCB Layout CCM03 - 3514 (6 contacts - with switch on metal lock)
(Component side) Plastic outline Contact foot area 0,8 x 0,6 Pad
1,5 3,4 2,4 5,5 7,6
23,2 2,5 5,5
1,5
1,55 1,8
8,6
5,08
C5 C6 C7 2x 2,54
C1 C2 C3
5,08
1,4
1,27
3
5,6
3,81 3,81 25,5
9,34
Prohibited area Contact location according to ENV1375-1 & GSM11-11
8x
0,2
1
Unless otherwise stated, tolerances are 0,10 mm
0,1 0,45 0
0,8
28 ,4
Mated condition
25 ,4
0 ,2
8x
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
22
25
180max
CCM03 MK II Fixed Cover
Dimensional Drawings Fixed cover CCM03 - 3504 (8 contacts)
25,5 0,2 3x 2,54 12,75 2,5
2,85 (3 max includes solder tails)
1,27
A
8,6
1
2,54
12,7
DETAIL A 17,2 (REF.) 3,45 (REF.) 9,75 (REF.) 0,8 25,5 (REF.) 25,5 (REF.) 10,16 Mated condition 3,81 3,81 SEE DETAIL A 0,4 0,30,02
0,3
A
8x
400' 0,2 0 0,1-0,1 0,15 min 0,75
0,8
0,4
300' Pick and place area o3,5 B
12,1 25,5
Card stop 1,4+0,05 o0
17,2 0,05 15,2 +0,1 0
A XX-XXX o 1,6 1,9
Date Code area
B 12,9 21,55
2,3 1,4+0,05 0
1,250,05 A
2,45
2,65
Note: Coplanarity of soldering surfaces: 0,05 mm
PCB Layout CCM03 - 3505 CCM03 - 3504
(Component side) Plastic outline Contact foot area 0,8 x 1 Pad 1,8 8,6 1,5 23,2 +0,05 o1,4 0 2x 2,5 5,5 1,5 1,44 2,54 Plastic outline Contact foot area 0,8 x 1 Pad 1,8 1,5
(Component side) 23,2 +0,05 o1,4 0 2x 2,5 5,5 1,5 1,44 2,54 C1 1,3 8x 0,2 C3 C4 12,7 C2
Dimensions are shown in mm Dimensions subject to change
5,5
5,5
8,6
C5 C6 C7 2x 2,54
C1 1,3 12,7 C2 C3 6x
C5 C6 C7
0,2
1,27
1,27
C8 3x 2,54
Prohibited area 3,81 ENV1375-1 & GSM11-11 25,5 3,81 6,35
Prohibited area Contact location according to ENV1375-1 & GSM11-11
3,81
3,81
6,35
25,5
Unless otherwise stated, tolerances are 0,10 mm
www.ittcannon.com
23
CCM03 MK II with Auto Lock cover
A new range of CCM03 connectors have been developed to interface with SIM/SAM cards as defined by GSM1111 and ENV1375-1. The connectors are available with a hinged metallic cover and have been designed to provide an easier open/lock function and side card entry. Features * Available with 6 cross contacts which are designed to give a consistently reliable normal force over the life of the connector. * The hinged metallic cover can automatically lock by pressure. * Side entry of the card ensures easier positioning of the card into the connector. * Insulated blade switch version available for detection card when cover is closed. * The molding is polarized so that the cover can only be closed if the card is correctly inserted. * Inspection slots allow an electrical test to be made without opening the cover. * With tape and reel packaging as standard, the connectors are designed to be automatically pick-and-placed. * The moldings are made from hightemperature thermoplastics suited to infrared and convection soldering processes. * Robustly formed printed circuit tails allow a coplanarity of 0,05 mm to be maintained.
Construction Contacts Contacts finish PC tail plating Molding Cover Mechanical Data Number of Contacts Mechanical life Contact force Vibration 6 10,000 cycles min 0.35 N min / 0.50 N max Frequency 10 to 500 Hz. Acceleration 50m/s2 Duration 6 hours - amplitude 0.35 mm (0.014) Max electrical discontinuity 1s 1,000 M min 100 m max 10 A min / 1 A max 750 Vrms min Copper alloy Gold over nickel Tin lead (2 min) High temp. thermoplastic, UL94V-0 Stainless steel
Contact Electrical Data Insulation resistance Resistance Current rating Dielectric strength Switch Electrical Data Card detection switch Contact resistance Dielectric strength Current rating Maximum power Environmental Data Operating temperature Soldering temperature Damp heat Salt mist Ordering Code Part Number CCM03-3517 CCM03-3518 CCM03-3529 Packaging 5 reels per box. Number of Contacts 6 6 6
Normally open 100 m max 250 Vrms min 1mA min / 10m A max 0.2 VA
-40C to +85C Temperature/time profile acc. to CECC00802 para. 6.1, Fig. 3 with peak temperature 250C IEC 512 test number 11c (10 days) IEC 512 test number 11f (96 hours)
Cover Side Hinged Front Hinged Front Hinged
Card Presence Switch No Yes (insulated) No
Quantity per reel 1300 1300 1300
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
24
CCM03 MK II with Auto Lock cover
Dimensional Drawings Hinged Cover CCM03 - 3517 (6 contacts)
24,60,2 1,3 12,05 0,25 2x 2,54 1,27 8,82 A
8,64
LOCKED
UNLOCKED
3,23
5
A
1
2,5 max
2,1 max on metal cover
DETAIL A
6x
0,3
1,85
4,9
1,3
2 max.
2,2
1,8 +0,05 0,1-0,10
LOCKED DETAIL A 29,6 0,95 Pick and place area o3,2 Date Code area 0,95
0,9
UNLOCKED 1 24,6 (REF.) OPEN 1,9 OPEN Manual 2 closing
Manual 1 opening 7 17
2 xx-xxx
Card withdrawal from the base
Card insertion 1 onto the base
0,9
2
11,61 29,1
0,9
14,5
CARD WITHDRAWAL 0,25
CARD INSERTION
0,25
Note: Coplanarity of soldering surfaces: 0,05 mm
PCB Layout CCM03 - 3517 (6 contacts)
(Component side) Plastic outline Contact foot area 1x1 Pad 1,5 5,5 22,1 2,5 5,5 1,8 1,5 1,25
8,82
C5 2,5 C6 C7
C1 C3 0,2 1,4 6x C2
2x 2,54
1,27
5 2
16,1 3,81 24,6 3,81
11,1 8,24
2
Prohibited area Contact location according to ENV1375-1 & GSM 11-11
Unless otherwise stated, tolerances are 0,10 mm
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
25
CCM03 MK II with Auto Lock cover
Dimensional Drawings Hinged Cover CCM03 - 3518 (6 contacts and switch)
24,60,2 5,1 11,8 11,8 0,5 3x 2,54 11,17 1,27 8,45 A
1
OPEN LOCKED UNLOCKED
2,86
UNLOCKED 8x DETAIL A Insulated blade switch 2,2 max (on metal cover) Manual 1 opening 25,2 Plastic actuator LOCKED +0,05 0,1-0,1 SEE DETAIL A 2,8
0,3
A
2,1 max (on insulator)
2
Card withdrawal from the base
2 Blade switch 29,65 Pick and place area o3,2 18 max during opening Date Code area 24,6 (REF.) OPEN Manual 2 closing 17 1 OPEN
10,5
2,4
Card insertion 1 onto the base
4,4
3,2
4,4
0,95
Note: Coplanarity of soldering surfaces: 0,05 mm PCB Layout CCM03 - 3518 (6 contacts and switch) CCM03-3529 (without switch) layout is similar except SW pads
CARD WITHDRAWAL Plastic outline Contact foot area 1 x 1 1,05 Pad (Component side) 1,5 5 5,5 22,1 2,5 5,5 1,8
2,3
CARD INSERTION 1,5 1,7
8,45
C5 C6 C7
19,1
C3 SW 8x 3,81 3,81 7,24 24,6 0,2
1,27
Contact location according to ENV1375-1 & GSM 11-11 Prohibited area
3x 2,54
2 2x
SW
1,4
C1 C2
Unless otherwise stated, tolerances are 0,10 mm
Dimensions are shown in mm Dimensions subject to change
www.ittcannon.com
26


▲Up To Search▲   

 
Price & Availability of CCM03-3003R102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X